Part Number Hot Search : 
P83C180 40600 TD62502F NTE5241A R16V226 SB060215 2A104M MK712
Product Description
Full Text Search
 

To Download 232264073103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2322 640 7....
Vishay BCcomponents
NTC Thermistors, Screw Threaded Sensors
FEATURES
* Easy mounting * Rugged construction
APPLICATIONS
Suitable for many applications, especially when a good insulation and/or a good thermal contact with the chassis is required. Thermistor with negative temperature coefficient and two solid tinned copper leads. The device is mounted in the head of aluminium screws size M4.
PACKAGING QUICK REFERENCE DATA
PARAMETER Resistance value at 25 C Tolerance on R25-value B25/85-value Dissipation factor; note 1 Thermal time constant; note 1 Operating temperature range at: zero dissipation maximum dissipation Mass Note 1. Measured with screw mounted on an aluminium heatsink of 100 cm2, thickness 1.5 mm, in still air at Tamb = +25 C. 2. Other R25 values based on 640 0 series are available upon request. 3. Other tolerances on R25 are available upon request.
37 3 8 0.1 6.7 max. 8 max.
The thermistors are packed in cardboard boxes; the smallest packaging quantity is 100 units.
VALUE 2.2 k to 470 k 5% 3740 to 4570 K 23 mW/K 7.5 s
MARKING
The last 4 digits of the catalog number are printed on the stud in accordance with the information in Electrical Data and Ordering Information Table.
MOUNTING
By means of a washer and M4 nut supplied with the device. Applied torque shall not exceed 1.2 Nm. Leads to be soldered.
-40 to +100 C 0 to +55 C 1.5 g
DIMENSIONS in millimeters
0.6 5.5 min.
M4
Component outline.
ELECTRICAL DATA AND ORDERING INFORMATION
R25 (k) 2.2 4.7 10 12 15 47 100 150 470 B25/85-VALUE 3977 K 0.75% 3977 K 0.75% 3977 K 0.75% 3740 K 1.5% 3740 K 1.5% 4090 K 1.5% 4190 K 1.5% 4370 K 2.5% 4570 K 2% TC (%/K) -4.37 -4.37 -4.37 -4.10 -4.10 -4.46 -4.57 -4.75 -4.95 CATALOG NUMBER 2322 640 7.... R25 5% 3222 3472 3103 3123 3153 3473 3104 3154 3474
Note R25-values, temperature coefficients and catalog numbers. The thermistors have a 12-digit catalog number starting with 2322 640 7. The subsequent 4 digits indicate the resistance value and tolerance. Document Number: 29065 Revision: 10-Oct-03 For technical questions contact: nlr.europe@vishay.com www.vishay.com 129


▲Up To Search▲   

 
Price & Availability of 232264073103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X